Part Number Hot Search : 
AHF2805S FZ44ES ISL62 07028 EE08921 FM24V1 M3E12XPG SR2030CS
Product Description
Full Text Search
 

To Download 2SA1034 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SA1034, 2SA1035
Silicon PNP epitaxial planer type
For low-frequency and low-noise amplification Complementary to 2SC2405 and 2SC2406
Unit: mm
s Features
q q q
2.9 -0.05
Parameter Collector to base voltage Collector to 2SA1034 2SA1035 2SA1034
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
Ratings -35 -55 -35 -55 -5 -100 -50 200 150 -55 ~ +150
Unit
1.1 -0.1
+0.2
2
emitter voltage 2SA1035 Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
V V mA mA mW C C
1:Base 2:Emitter 3:Collector
JEDEC:TO-236 EIAJ:SC-59 Mini Type Package
Marking symbol :
F(2SA1034) H(2SA1035)
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter voltage Transition frequency Noise voltage
*h FE1
(Ta=25C)
Symbol ICBO ICEO Conditions VCB = -10V, IE = 0 VCE = -10V, IB = 0 IC = -10A, IE = 0 IC = -2mA, IB = 0 IE = -10A, IC = 0 VCE = -5V, IC = -2mA IC = -100mA, IB = -10mA*2 VCE = -1V, IC = -100mA*2 VCB = -5V, IE = 2mA, f = 200MHz VCE = -10V, IC = -1mA, GV = 80dB Rg = 100k, Function = FLAT
*2
min
typ
0 to 0.1
0.1 to 0.3 0.40.2
0.8
V
max -100 -1
0.16 -0.06
+0.1
0.4 -0.05
+0.1
s Absolute Maximum Ratings
1.90.2
Low noise voltage NV. High foward current transfer ratio hFE. Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing. (Ta=25C)
2.8 -0.3 0.650.15
+0.2
1.5 -0.05
+0.25
0.650.15
0.95
1
+0.2
0.95
3
1.45
Unit nA A V
2SA1034 2SA1035 2SA1034 2SA1035
VCBO VCEO VEBO hFE*1 VCE(sat) VBE fT NV
-35 -55 -35 -55 -5 180 - 0.7 200 700 - 0.6 -1.0
V V
V V MHz
150
mV
Rank classification
Rank hFE R 180 ~ 360 2SA1034 2SA1035 FR HR S 260 ~ 520 FS HS T 360 ~ 700 FT HT
Pulse measurement
Marking Symbol
1
Transistor
PC -- Ta
240 -160 -140 200
2SA1034, 2SA1035
IC -- VCE
Ta=25C -160 VCE=-5V Ta=25C -140
IC -- IB
Collector power dissipation PC (mW)
Collector current IC (mA)
-120 -100 -80 -60
-300A -250A -200A -150A -100A
160
120
Collector current IC (mA)
IB=-350A
-120 -100 -80 -60 -40 -20 0
80
-40 -50A -20
40
0 0 20 40 60 80 100 120 140 160
0 0 -2 -4 -6 -8 -10 -12
0
- 0.1
- 0.2
- 0.3
- 0.4
- 0.5
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base current IB (mA)
IB -- VBE
-800 VCE=-5V Ta=25C -700 -100 -120
IC -- VBE
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 VCE=-5V 25C Ta=75C -80 -25C
VCE(sat) -- IC
IC/IB=10
Base current IB (A)
-600 -500 -400 -300 -200 -100 0 0 - 0.2 - 0.4 - 0.6 - 0.8 -1.0
Collector current IC (mA)
-60
-40
- 0.3 25C - 0.1
Ta=75C
-20
-25C
- 0.03 - 0.01 -0.1 -0.3
0 0 - 0.4 - 0.8 -1.2 -1.6 -2.0
-1
-3
-10
-30
-100
Base to emitter voltage VBE (V)
Base to emitter voltage VBE (V)
Collector current IC (mA)
hFE -- IC
600 VCE=-5V 500 450 500 Ta=75C 400 25C
fT -- IE
Collector output capacitance Cob (pF)
VCB=-5V Ta=25C 20 18 16 14 12 10 8 6 4 2 0 - 0.1 - 0.3
Cob -- VCB
IE=0 f=1MHz Ta=25C
Forward current transfer ratio hFE
Transition frequency fT (MHz)
-10 -30 -100
400 350 300 250 200 150 100 50
300
-25C
200
100
0 - 0.1 - 0.3
-1
-3
0 0.1
0.3
1
3
10
30
100
-1
-3
-10
-30
-100
Collector current IC (mA)
Emitter current IE (mA)
Collector to base voltage VCB (V)
2
Transistor
NV -- VCE
160 140 IC=-1mA GV=80dB Function=FLAT 300 IC=-1mA GV=80dB Function=RIAA
2SA1034, 2SA1035
NV -- VCE
160 140 VCE=-10V GV=80dB Function=FLAT
NV -- IC
Noise voltage NV (mV)
Noise voltage NV (mV)
120 Rg=100k 100 80 60 40 4.7k 20 0 -1 22k
Noise voltage NV (mV)
240 Rg=100k 180
120 100 Rg=100k 80 60 22k 40 4.7k 20 0 - 0.01
120
22k 60 4.7k 0 -1
-3
-10
-30
-100
-3
-10
-30
-100
- 0.03
- 0.1
- 0.3
-1
Collector to emitter voltage VCE (V)
Collector to emitter voltage VCE (V)
Collector current IC (mA)
NV -- IC
300 VCE=-10V GV=80dB Function=RIAA 160 140
NV -- Rg
300 VCE=-10V GV=80dB Function=FLAT
NV -- Rg
VCE=-10V GV=80dB Function=RIAA
Noise voltage NV (mV)
Noise voltage NV (mV)
120 100 80 60 IC=-1mA 40 - 0.5mA 20 0 - 0.1mA
180
Noise voltage NV (mV)
240
240
180
120
Rg=100k 22k 4.7k
120
60
60
IC=-1mA - 0.5mA - 0.1mA
0 - 0.01
0 1 3 10 30 100 1 3 10 30 100
- 0.03
- 0.1
- 0.3
-1
Collector current IC (mA)
Signal source resistance Rg (k)
Signal source resistance Rg (k)
3


▲Up To Search▲   

 
Price & Availability of 2SA1034

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X